Part Number Hot Search : 
HT68F60 AD642K ML4861 4N25SM SY10E158 00AXC MC3371D 800BG
Product Description
Full Text Search
 

To Download IS61VPS12836A-250TQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated silicon solution, inc. ? 1-800-379-4774 1 rev. 00a 10/07/04 issi ? copyright ? 2005 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services described herein. customers are advised to obtai n the latest version of this device specification before relying on any published information and before placing orders for products. is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a features ? internal self-timed write cycle  individual byte write control and global write  clock controlled, registered address, data and control  burst sequence control using mode input  three chip enable option for simple depth expansion and address pipelining  common data inputs and data outputs  auto power-down during deselect  single cycle deselect  snooze mode for reduced-power standby  power supply lps: v dd 3.3v + 5%, v ddq 3.3v/2.5v + 5% vps: v dd 2.5v + 5%, v ddq 2.5v + 5%  jedec 100-pin tqfp, 119-ball pbga, and 165-ball pbga packages  automotive temperature available  lead free available description the issi is61(64)lps12832a, is61(64)lps/vps12836a and is61(64)lps/vps25618a are high-speed, low-power synchronous static rams designed to provide burstable, high-performance memory for communication and network- ing applications. the is61(64)lps12832a is organized as 131,072 words by 32 bits. the is61(64)lps/vps12836a is organized as 131,072 words by 36 bits. the is61(64)lps/ vps25618a is organized as 262,144 words by 18 bits. fabricated with issi 's advanced cmos technology, the device integrates a 2-bit burst counter, high-speed sram core, and high-drive capability outputs into a single mono- lithic circuit. all synchronous inputs pass through regis- ters controlled by a positive-edge-triggered single clock input. write cycles are internally self-timed and are initiated by the rising edge of the clock input. write cycles can be one to four bytes wide as controlled by the write control inputs. separate byte enables allow individual bytes to be written. the byte write operation is performed by using the byte write enable ( bwe ) input combined with one or more individual byte write signals ( bwx ). in addition, global write ( gw ) is available for writing all bytes at one time, regardless of the byte write controls. bursts can be initiated with either adsp (address status processor) or adsc (address status cache controller) input pins. subsequent burst addresses can be generated internally and controlled by the adv (burst address advance) input pin. the mode pin is used to select the burst sequence order, linear burst is achieved when this pin is tied low. interleave burst is achieved when this pin is tied high or left floating. 128k x 32, 128k x 36, 256k x 18 4 mb synchronous pipelined, single cycle deselect static ram preliminary information february 2005 fast access time symbol parameter 250 200 units t kq clock access time 2.6 3.1 ns t kc cycle time 4 5 ns frequency 250 200 mhz
2 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a block diagram 17/18 binary counter gw clr ce clk q0 q1 mode a0' a0 a1 a1' clk adv adsc adsp 15/16 17/18 address register ce d clk q dq(a-d) byte write registers d clk q enable register ce d clk q enable delay register d clk q bwe bw(a-d) x18: a,b x32/x36: a-d ce ce2 ce2 128kx32; 128kx36; 256kx18 memory array 32, 36, or 18 input registers clk output registers clk oe 2/4/8 oe dqa - dqd 32, 36, or 18 32, 36, or 18 a
integrated silicon solution, inc. ? 1-800-379-4774 3 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a bottom view bottom view 165-pin bga 165-ball, 13x15 mm bga 1mm ball pitch, 11x15 ball array 119-pin bga 119-ball, 14x22 mm bga 1mm ball pitch, 7x17 ball array
4 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a 119 bga package pin configuration 128k x 36 (top view) pin descriptions 123456 7 a v ddq aa adsp aav ddq b nc ce2 a adsc a ce2 nc c nc a a v dd a a nc d dqc dqpc vss nc vss dqpb dqb e dqc dqc vss ce vss dqb dqb f v ddq dqc vss oe vss dqb v ddq g dqc dqc bwc adv bwb dqb dqb h dqc dqc vss gw vss dqb dqb j v ddq v dd nc v dd nc v dd v ddq k dqd dqd vss clk vss dqa dqa l dqd dqd bwd nc bwa dqa dqa m v ddq dqd vss bwe vss dqa v ddq n dqd dqd vss a 1 * vss dqa dqa p dqd dqpd vss a 0 * vss dqpa dqa r nc a mode v dd nc a nc t nc nc a a a nc z z u v ddq nc nc nc nc nc v ddq symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance adsp address status processor adsc address status controller gw global write enable clk synchronous clock ce , ce2, ce2 synchronous chip select bw x (x=a-d) synchronous byte write controls bwe byte write enable symbol pin name oe output enable zz power sleep mode mode burst sequence selection nc no connect dqa-dqd data inputs/outputs dqpa-pd output power supply v dd power supply v ddq output power supply vss ground note: * a 0 and a 1 are the two least significant bits (lsb) of the address field and set the internal burst counter if burst is desired.
integrated silicon solution, inc. ? 1-800-379-4774 5 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a 119 bga package pin configuration 256k x 18 (top view) pin descriptions note: * a 0 and a 1 are the two least significant bits (lsb) of the address field and set the internal burst counter if burst is desired. 123456 7 a v ddq aa adsp aa v ddq b nc ce2 a adsc a ce2 nc c nc a a v dd a a nc d dqb nc vss nc vss dqpa nc e nc dqb vss ce vss nc dqa f v ddq nc vss oe vss dqa v ddq g nc dqb bwb adv vss nc dqa h dqb nc vss gw vss dqa nc j v ddq v dd nc v dd nc v dd v ddq k nc dqb vss clk vss nc dqa l dqb nc v s s nc bwa dqa nc m v ddq dqb vss bwe vss nc v ddq n dqb nc vss a 1 * vss dqa nc p nc dqpb vss a 0 * vss nc dqa r nc a mode v dd nc a nc t nc a a nc a a z z u v ddq nc nc nc nc nc v ddq symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance adsp address status processor adsc address status controller gw global write enable clk synchronous clock ce , ce2, ce2 synchronous chip select bw x (x=a,b) synchronous byte write controls bwe byte write enable symbol pin name oe output enable zz power sleep mode mode burst sequence selection nc no connect dqa-dqb data inputs/outputs dqpa-pb output power supply v dd power supply v ddq output power supply vss ground
6 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a pin descriptions 165 pbga package pin configuration 128k x 36 (top view) note: * a 0 and a 1 are the two least significant bits (lsb) of the address field and set the internal burst counter if burst is desired. 1234567891011 a nc a ce bwc bwb ce2 bwe adsc adv anc b nc a ce2 bwd bwa clk gw oe adsp anc c dqpc nc v ddq vss vss vss vss vss v ddq nc dqpb d dqc dqc v ddq v dd vss vss vss v dd v ddq dqb dqb e dqc dqc v ddq v dd vss vss vss v dd v ddq dqb dqb f dqc dqc v ddq v dd vss vss vss v dd v ddq dqb dqb g dqc dqc v ddq v dd vss vss vss v dd v ddq dqb dqb h nc nc nc v dd vss vss vss v dd nc nc zz j dqd dqd v ddq v dd vss vss vss v dd v ddq dqa dqa k dqd dqd v ddq v dd vss vss vss v dd v ddq dqa dqa l dqd dqd v ddq v dd vss vss vss v dd v ddq dqa dqa m dqd dqd v ddq v dd vss vss vss v dd v ddq dqa dqa n dqpd nc v ddq vss nc nc nc vss v ddq nc dqpa p nc nc a a nc a 1 *nca a a nc r mode nc a a nc a 0 *nca a a a symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance adsp address status processor adsc address status controller gw global write enable clk synchronous clock ce , ce2 , ce2 synchronous chip select bw x (x=a,b,c,d) synchronous byte write controls symbol pin name bwe byte write enable oe output enable zz power sleep mode mode burst sequence selection nc no connect dqx data inputs/outputs dqpx data inputs/outputs v dd 3.3v/2.5v power supply v ddq isolated output power supply 3.3v /2.5v vss ground
integrated silicon solution, inc. ? 1-800-379-4774 7 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a note: * a 0 and a 1 are the two least significant bits (lsb) of the address field and set the internal burst counter if burst is desired. 165 pbga package pin configuration 256k x 18 (top view) pin descriptions 1234567891011 a nc a ce bwb nc ce2 bwe adsc adv aa b nc a ce2 nc bwa clk gw oe adsp anc c nc nc v ddq vss vss vss vss vss v ddq nc dqpa d nc dqb v ddq v dd vss vss vss v dd v ddq nc dqa e nc dqb v ddq v dd vss vss vss v dd v ddq nc dqa f nc dqb v ddq v dd vss vss vss v dd v ddq nc dqa g nc dqb v ddq v dd vss vss vss v dd v ddq nc dqa h nc nc nc v dd vss vss vss v dd nc nc zz j dqb nc v ddq v dd vss vss vss v dd v ddq dqa nc k dqb nc v ddq v dd vss vss vss v dd v ddq dqa nc l dqb nc v ddq v dd vss vss vss v dd v ddq dqa nc m dqb nc v ddq v dd vss vss vss v dd v ddq dqa nc n dqpb nc v ddq vss nc nc nc vss v ddq nc nc p nc nc a a nc a 1 *nca a a nc r mode nc a a nc a 0 *nca a a a symbol pin name a address inputs a0, a1 synchronous burst address inputs adv synchronous burst address advance adsp address status processor adsc address status controller gw global write enable clk synchronous clock ce , ce2 , ce2 synchronous chip select bw x (x=a,b) synchronous byte write controls symbol pin name bwe byte write enable oe output enable zz power sleep mode mode burst sequence selection nc no connect dqx data inputs/outputs dqpx data inputs/outputs v dd 3.3v/2.5v power supply v ddq isolated output power supply 3.3v/2.5v vss ground
8 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a dqpb dqb dqb vddq vss dqb dqb dqb dqb vss vddq dqb dqb vss nc vdd zz dqa dqa vddq vss dqa dqa dqa dqa vss vddq dqa dqa dqpa a a ce ce2 bwd bwc bwb bwa ce2 vdd vss clk gw bwe oe adsc adsp adv a a dqpc dqc dqc vddq vss dqc dqc dqc dqc vss vddq dqc dqc nc vdd nc vss dqd dqd vddq vss dqd dqd dqd dqd vss vddq dqd dqd dqpd 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 mode a a a a a1 a0 nc nc vss vdd nc nc a a a a a a a 46 47 48 49 50 pin descriptions a0, a1 synchronous address inputs. these pins must tied to the two lsbs of the address bus. a synchronous address inputs adsc synchronous controller address status adsp synchronous processor address status adv synchronous burst address advance bwa - bwd synchronous byte write enable bwe synchronous byte write enable ce , ce2 , ce2 synchronous chip enable clk synchronous clock dqa-dqd synchronous data input/output dqpa-dqpd parity data input/output gw synchronous global write enable mode bu rst sequence mode selection oe output enable v dd 3.3v/2.5v power supply v ddq isolated output buffer supply: 3.3v/2.5v vss ground zz snooze enable pin configuration (3 chip-enable option) 100-pin tqfp (128k x 32) 100-pin tqfp (128k x 36) (3 chip-enable option) nc dqb dqb vddq vss dqb dqb dqb dqb vss vddq dqb dqb vss nc vdd zz dqa dqa vddq vss dqa dqa dqa dqa vss vddq dqa dqa nc a a ce ce2 bwd bwc bwb bwa ce2 vdd vss clk gw bwe oe adsc adsp adv a a nc dqc dqc vddq vss dqc dqc dqc dqc vss vddq dqc dqc nc vdd nc vss dqd dqd vddq vss dqd dqd dqd dqd vss vddq dqd dqd nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 mode a a a a a1 a0 nc nc vss vdd nc nc a a a a a a a 46 47 48 49 50
integrated silicon solution, inc. ? 1-800-379-4774 9 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a pin configuration (3 chip-enable option) pin descriptions a0, a1 synchronous address inputs. these pins must tied to the two lsbs of the address bus. a synchronous address inputs adsc synchronous controller address status adsp synchronous processor address status adv synchronous burst address advance bwa - bwb synchronous byte write enable bwe synchronous byte write enable ce , ce2, ce2 synchronous chip enable clk synchronous clock dqa-dqb synchronous data input/output dqpa-dqpb parity data i/o; dqpa is parity for dqa1-8; dqpb is parity for dqb1-8 gw synchronous global write enable mode burst sequence mode selection oe output enable v dd 3.3v/2.5v power supply v ddq isolated output buffer supply: 3.3v/2.5v vss ground zz snooze enable 100-pin tqfp (256k x 18) a nc nc vddq vss nc dqpa dqa dqa vss vddq dqa dqa vss nc vdd zz dqa dqa vddq vss dqa dqa nc nc vss vddq nc nc nc a a ce ce2 nc nc bwb bwa ce2 vdd vss clk gw bwe oe adsc adsp adv a a nc nc nc vddq vss nc nc dqb dqb vss vddq dqb dqb nc vdd nc vss dqb dqb vddq vss dqb dqb dqpb nc vss vddq nc nc nc 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 mode a a a a a1 a0 nc nc vss vdd nc nc a a a a a a a 46 47 48 49 50
10 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a partial truth table function gw gw gw gw gw bwe bwe bwe bwe bwe bwa bwa bwa bwa bwa bwb bwb bwb bwb bwb bwc bwc bwc bwc bwc bwd bwd bwd bwd bwd read h h x x x x read h l h h h h write byte 1 h l l h h h write all bytes h l l l l l write all bytes l x x x x x truth table (1-8) operation address ce ce ce ce ce ce2 ce2 ce2 ce2 ce2 ce2 zz adsp adsp adsp adsp adsp adsc adsc adsc adsc adsc adv adv adv adv adv write write write write write oe oe oe oe oe clk dq deselect cycle, power-down none h x x l x l x x x l-h high-z deselect cycle, power-down none l x l l l x x x x l-h high-z deselect cycle, power-down none l h x l l x x x x l-h high-z deselect cycle, power-down none l x l l h l x x x l-h high-z deselect cycle, power-down none l h x l h l x x x l-h high-z snooze mode, power-down none x x x h x x x x x x high-z read cycle, begin burst external l l h l l x x x l l-h q read cycle, begin burst external l l h l l x x x h l-h high-z write cycle, begin burst external l l h l h l x l x l-h d read cycle, begin burst external l l h l h l x h l l-h q read cycle, begin burst external l l h l h l x h h l-h high-z read cycle, continue burst next x x x l h h l h l l-h q read cycle, continue burst next x x x l h h l h h l-h high-z read cycle, continue burst next h x x l x h l h l l-h q read cycle, continue burst next h x x l x h l h h l-h high-z write cycle, continue burst next x x x l h h l l x l-h d write cycle, continue burst next h x x l x h l l x l-h d read cycle, suspend burst current x x x l h h h h l l-h q read cycle, suspend burst current x x x l h h h h h l-h high-z read cycle, suspend burst current h x x l x h h h l l-h q read cycle, suspend burst current h x x l x h h h h l-h high-z write cycle, suspend burst current x x x l h h h l x l-h d write cycle, suspend burst current h x x l x h h l x l-h d note: 1. x means ?don?t care.? h means logic high. l means logic low. 2. for write , l means one or more byte write enable signals ( bwa-d ) and bwe are low or gw is low. write = h for all bwx , bwe , gw high. 3. bwa enables writes to dqa?s and dqpa. bwb enables writes to dqb?s and dqpb. bwc enables writes to dqc?s and dqpc. bwd enables writes to dqd?s and dqpd. dqpa and dqpb are available on the x18 version. dqpa-dqpd are available on the x36 version. 4. all inputs except oe and zz must meet setup and hold times around the rising edge (low to high) of clk. 5. wait states are inserted by suspending burst. 6. for a write operation following a read operation, oe must be high before the input data setup time and held high during the input data hold time. 7. this device contains circuitry that will ensure the outputs will be in high-z during power-up. 8. adsp low always initiates an internal read at the l-h edge of clk. a write is performed by setting one or more byte write enable signals and bwe low or gw low for the subsequent l-h edge of clk. see write timing diagram for clarification.
integrated silicon solution, inc. ? 1-800-379-4774 11 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a interleaved burst address table (mode = v dd or no connect) external address 1st burst address 2nd burst address 3rd burst address a1 a0 a1 a0 a1 a0 a1 a0 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 linear burst address table (mode = vss) 0,0 1,0 0,1 a1', a0' = 1,1 absolute maximum ratings (1) symbol parameter value unit t stg storage temperature ?55 to +150 c p d power dissipation 1.6 w i out output current (per i/o) 100 ma v in , v out voltage relative to vss for i/o pins ?0.5 to v ddq + 0.5 v v in voltage relative to vss for ?0.5 to v dd + 0.5 v for address and control inputs v dd voltage on v dd supply relative to vss ?0.5 to 4.6 v notes: 1. stress greater than those listed under absolute maximum ratings may cause perma- nent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. this device contains circuity to protect the inputs against damage due to high static voltages or electric fields; however, precautions may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. 3. this device contains circuitry that will ensure the output devices are in high-z at power up.
12 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a operating range (is61/64lpsxxxxx) range ambient temperature v dd v ddq commercial 0c to +70c 3.3v + 5% 3.3v / 2.5v + 5% industrial ?40c to +85c 3.3v + 5% 3.3v / 2.5v + 5% automotive ?40c to +125c 3.3v + 5% 3.3v / 2.5v + 5% operating range (is61/64vpsxxxxx) range ambient temperature v dd v ddq commercial 0c to +70c 2.5v + 5% 2.5v + 5% industrial ?40c to +85c 2.5v + 5% 2.5v + 5% automotive ?40c to +125c 2.5v + 5% 2.5v + 5% dc electrical characteristics (over operating range) 3.3v 2.5v symbol parameter test conditions min. max. min. max. unit v oh output high voltage i oh = ?4.0 ma (3.3v) 2.4 ? 2.0 ? v i oh = ?1.0 ma (2.5v) v ol output low voltage i ol = 8.0 ma (3.3v) ? 0.4 ? 0.4 v i ol = 1.0 ma (2.5v) v ih input high voltage 2.0 v dd + 0.3 1.7 v dd + 0.3 v v il input low voltage -0.3 0.8 -0.3 0.7 v i li input leakage current vss v in v dd (1) -5 5 -5 5 a i lo output leakage current vss v out v ddq ,-55 -55a oe = v ih
integrated silicon solution, inc. ? 1-800-379-4774 13 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a power supply characteristics (1) (over operating range) -250 -200 max max symbol parameter test conditions temp. range x18 x32/x36 x18 x32/x36 uni t i cc ac operating device selected, com. 225 225 200 200 ma supply current oe = v ih , zz v il , ind. 250 250 210 210 all inputs 0.2v or auto. 275 275 225 225 v dd ? 0.2v, cycle time t kc min. i sb standby current device deselected, com. 90 90 90 90 ma ttl input v dd = max., ind. 100 100 100 100 all inputs v il or v ih , auto. 120 120 120 120 zz v il , f = max. i sbi standby current device deselected, com. 70 70 70 70 ma cmos input v dd = max., ind. 75 75 75 75 v in v ss + 0.2v or auto. 90 90 90 90 v dd ? 0.2v typ. (2) 40 40 f = 0 i sb 2 sleep mode zz>v ih com. 30 30 30 30 ma ind. 35 35 35 35 auto. 45 45 45 45 typ. (2) 25 25 note: 1. mode pin has an internal pullup and should be tied to v dd or v ss . it exhibits 100a maximum leakage current when tied to v ss + 0.2v or v dd ? 0.2v. 2. typical values are measured at v dd = 3.3v, t a = 25 o c and not 100% tested.
14 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a capacitance (1,2) symbol parameter conditions max. unit c in input capacitance v in = 0v 6 pf c out input/output capacitance v out = 0v 8 pf notes: 1. tested initially and after any design or process changes that may affect these parameters. 2. test conditions: t a = 25c, f = 1 mhz, v dd = 3.3v. 3.3v i/o ac test conditions parameter unit input pulse level 0v to 3.0v input rise and fall times 1.5 ns input and output timing 1.5v and reference level output load see figures 1 and 2 ac test loads figure 2 317 ? 5 pf including jig and scope 351 ? output 3.3v figure 1 output z o = 50 ? 1.5v 50 ?
integrated silicon solution, inc. ? 1-800-379-4774 15 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a 2.5v i/o ac test conditions parameter unit input pulse level 0v to 2.5v input rise and fall times 1.5 ns input and output timing 1.25v and reference level output load see figures 3 and 4 2.5 i/o output load equivalent figure 4 1,667 ? 5 pf including jig and scope 1,538 ? output 2.5v figure 3 output z o = 50 ? 1.25v 50 ?
16 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a read/write cycle switching characteristics (over operating range) -250 -200 symbol parameter min. max. min. max. unit f max clock frequency ? 250 ? 200 mhz t kc cycle time 4.0 ? 5 ? ns t kh clock high time 1.7 ? 2 ? ns t kl clock low time 1.7 ? 2 ? ns t kq clock access time ? 2.6 ? 3.1 ns t kqx (2) clock high to output invalid 0.8 ? 1.5 ? ns t kqlz (2,3) clock high to output low-z 0.8 ? 1 ? ns t kqhz (2,3) clock high to output high-z ? 2.6 ? 3.0 ns t oeq output enable to output valid ? 2.8 ? 3.1 ns t oelz (2,3) output enable to output low-z 0 ? 0 ? ns t oehz (2,3) output disable to output high-z ? 2.6 ? 3.0 ns t as address setup time 1.2 ? 1.4 ? ns t ws read/write setup time 1.2 ? 1.4 ? ns t ces chip enable setup time 1.2 ? 1.4 ? ns t avs address advance setup time 1.2 ? 1.4 ? ns t ds data setup time 1.2 ? 1.4 ? ns t ah address hold time 0.3 ? 0.4 ? ns t wh write hold time 0.3 ? 0.4 ? ns t ceh chip enable hold time 0.3 ? 0.4 ? ns t avh address advance hold time 0.3 ? 0.4 ? ns t dh data hold time 0.3 ? 0.4 ? ns t pds zz high to power down ? 2 ? 2 cyc t pus zz low to power down ? 2 ? 2 cyc note: 1. configuration signal mode is static and must not change during normal operation. 2. guaranteed but not 100% tested. this parameter is periodically sampled. 3. tested with load in figure 2.
integrated silicon solution, inc. ? 1-800-379-4774 17 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a read/write cycle timing single read high-z high-z data out data in oe ce2 ce2 ce bwx bwe gw address adv adsc adsp clk rd1 rd2 1a 2c 2d unselected burst read t kqx t kc t kl t kh t ss t sh t ss t sh t as t ah t ws t wh t ws t wh rd3 t ces t ceh t ces t ceh t ces t ceh ce2 and ce2 only sampled with adsp or adsc ce masks adsp unselected with ce2 t oeq t oeqx t oelz t kqlz t kq t oehz t kqhz adsc initiate read adsp is blocked by ce inactive t avh t avs suspend burst pipelined read 2a 2b
18 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a write cycle timing single write data out data in oe ce2 ce2 ce bwx bwe gw address adv adsc adsp clk wr1 wr2 unselected burst write t kc t kl t kh t ss t sh t as t ah t ws t wh t ws t wh wr3 t ces t ceh t ces t ceh t ces t ceh ce2 and ce2 only sampled with adsp or adsc ce masks adsp unselected with ce2 adsc initiate write adsp is blocked by ce inactive t avh t avs adv must be inactive for adsp write wr1 wr2 t ws t wh wr3 t ws t wh high-z high-z 1a 3a t ds t dh bw4-bw1 only are applied to first cycle of wr2 write 2c 2d 2a 2b
integrated silicon solution, inc. ? 1-800-379-4774 19 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a snooze mode timing don't care deselect or read only deselect or read only t rzzi clk zz isupply all inputs (except zz) outputs (q) i sb2 zz setup cycle zz recovery cycle normal operation cycle t pds t pus t zzi high-z snooze mode electrical characteristics symbol parameter cond itions min. max. unit i sb 2 current during snooze mode zz vih ? 60 ma t pds zz active to input ignored ? 2 cycle t pus zz inactive to input sampled 2 ? cycle t zzi zz active to snooze current ? 2 cycle t rzzi zz inactive to exit snooze current 0 ? ns
20 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a ordering information (3.3v core/2.5v-3.3v i/o) commercial range: 0c to +70c configuration frequency order part number package 128kx32 250 is61lps12832a-250tq 100 tqfp is61lps12832a-250b2 119 pbga is61lps12832a-250b3 165 pbga 200 is61lps12832a-200tq 100 tqfp is61lps12832a-200b2 119 pbga is61lps12832a-200b3 165 pbga 128kx36 250 is61lps12836a-250tq 100 tqfp is61lps12836a-250b2 119 pbga is61lps12836a-250b3 165 pbga 200 is61lps12836a-200tq 100 tqfp is61lps12836a-200b2 119 pbga is61lps12836a-200b3 165 pbga 256kx18 250 is61lps25618a-250tq 100 tqfp is61lps25618a-250b2 119 pbga is61lps25618a-250b3 165 pbga 200 is61lps25618a-200tq 100 tqfp is61lps25618a-200b2 119 pbga is61lps25618a-200b3 165 pbga
integrated silicon solution, inc. ? 1-800-379-4774 21 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a ordering information (3.3v core/2.5v-3.3v i/o) industrial range: -40c to +85c configuration frequency order part number package 128kx32 250 is61lps12832a-250tqi 100 tqfp is61lps12832a-250b2i 119 pbga is61lps12832a-250b3i 165 pbga 200 is61lps12832a-200tqi 100 tqfp is61lps12832a-200tqli 100 tqfp, lead-free is61lps12832a-200b2i 119 pbga is61lps12832a-200b3i 165 pbga 128kx36 250 is61lps12836a-250tqi 100 tqfp is61lps12836a-250b2i 119 pbga is61lps12836a-250b3i 165 pbga 200 is61lps12836a-200tqi 100 tqfp is61lps12836a-200tqli 100 tqfp, lead-free is61lps12836a-200b2i 119 pbga is61lps12836a-200b3i 165 pbga 256kx18 250 is61lps25618a-250tqi 100 tqfp is61lps25618a-250b2i 119 pbga is61lps25618a-250b3i 165 pbga 200 is61lps25618a-200tqi 100 tqfp is61lps25618a-200tqli 100 tqfp, lead-free is61lps25618a-200b2i 119 pbga is61lps25618a-200b3i 165 pbga automotive range: -40c to +125c configuration frequency order part number package 128kx32 200 is64lps12832a-200tqa3 100 tqfp 128kx36 200 is64lps12836a-200tqa3 100 tqfp 256kx18 200 is64lps25618a-200tqa3 100 tqfp
22 integrated silicon solution, inc. ? 1-800-379-4774 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a ordering information (2.5v core/2.5v i/o) commercial range: 0c to +70c configuration frequency order part number package 128kx36 250 IS61VPS12836A-250TQ 100 tqfp is61vps12836a-250b2 119 pbga is61vps12836a-250b3 165 pbga 200 is61vps12836a-200tq 100 tqfp is61vps12836a-200b2 119 pbga is61vps12836a-200b3 165 pbga 256kx18 250 is61vps25618a-250tq 100 tqfp is61vps25618a-250b2 119 pbga is61vps25618a-250b3 165 pbga 200 is61vps25618a-200tq 100 tqfp is61vps25618a-200b2 119 pbga is61vps25618a-200b3 165 pbga
integrated silicon solution, inc. ? 1-800-379-4774 23 rev. 00a 10/07/04 issi ? is61(64)lps12832a is61(64)lps12836a is61(64)vps12836a is61(64)lps25618a is61(64)vps25618a industrial range: -40c to +85c configuration frequency order part number package 128kx36 250 IS61VPS12836A-250TQi 100 tqfp is61vps12836a-250b2i 119 pbga is61vps12836a-250b3i 165 pbga 200 is61vps12836a-200tqi 100 tqfp is61vps12836a-200b2i 119 pbga is61vps12836a-200b3i 165 pbga 256kx18 250 is61vps25618a-250tqi 100 tqfp is61vps25618a-250b2i 119 pbga is61vps25618a-250b3i 165 pbga 200 is61vps25618a-200tqi 100 tqfp is61vps25618a-200b2i 119 pbga is61vps25618a-200b3i 165 pbga automotive range: -40c to +125c configuration frequency order part number package 128kx32 200 is64vps12832a-200tqa3 100 tqfp 128kx36 200 is64vps12836a-200tqa3 100 tqfp 256kx18 200 is64vps25618a-200tqa3 100 tqfp
packaging information issi ? integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. b 02/12/03 copyright ? 2003 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services desc ribed herein. customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders fo r products. plastic ball grid array package code: b (119-pin) notes: 1. controlling dimension: millimeters, unless otherwise specified. 2. bsc = basic lead spacing between centers. 3. dimensions d1 and e do not include mold flash protrusion and should be measured from the bottom of the package. 4. formed leads shall be planar with respect to one another within 0.004 inches at the seating plane. millimeters inches sym. min. max. min. max. n0. leads 119 a ? 2.41 ? 0.095 a1 0.50 0.70 0.020 0.028 a2 0.80 1.00 0.032 0.039 a3 1.30 1.70 0.051 0.067 a4 0.56 bsc 0.022 bsc b 0.60 0.90 0.024 0.035 d 21.80 22.20 0.858 0.874 d1 20.32 bsc 0.800 bsc d2 19.40 19.60 0.764 0.772 e 13.80 14.20 0.543 0.559 e1 7.62 bsc 0.300 bsc e2 11.90 12.10 0.469 0.476 e 1.27 bsc 0.050 bsc e1 a1 d1 7654321 a b c d e f g h j k l m n p r t u e2 e a2 seating plane e d2 d a 30 ? a3 a4 b (119x)
packaging information issi ? integrated silicon solution, inc. ? www.issi.com ? 1-800-379-4774 rev. a 06/11/03 copyright ? 2003 integrated silicon solution, inc. all rights reserved. issi reserves the right to make changes to this speci fication and its products at any time without notice. issi assumes no liability arising out of the application or use of any information, products or services desc ribed herein. customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders fo r products. a b c d e f g h j k l m n p r a b c d e f g h j k l m n p r 11 10 9 8 7 6 5 4 3 2 1 a1 corner bottom view d d1 e e e1 e 1 2 3 4 5 6 7 8 9 10 11 a1 corner top view a2 a a1 b (165x) ball grid array package code: b (165-pin) notes: 1. controlling dimensions are in millimeters. bga - 13mm x 15mm millimeters inches sym. min. nom. max. min. nom. max. n0. leads 165 165 a ? ? 1.20 ? ? 0.047 a1 0.25 0.33 0.40 0.010 0.013 0.016 a2 ? 0.79 ? ? 0.031 ? d 14.90 15.00 15.10 0.587 0.591 0.594 d1 13.90 14.00 14.10 0.547 0.551 0.555 e 12.90 13.00 13.10 0.508 0.512 0.516 e1 9.90 10.00 10.10 0.390 0.394 0.398 e? 1.00 ? ? 0.039 ? b 0.40 0.45 0.50 0.016 0.018 0.020
integrated silicon solution, inc. ? 1-800-379-4774 packaging information issi ? pk13197lq rev. d 05/08/03 tqfp (thin quad flat pack package) package code: tq thin quad flat pack (tq) millimeters inches millimeters inches symbol min max min max min max min max ref. std. no. leads (n) 100 128 a ? 1.60 ? 0.063 ? 1.60 ? 0.063 a1 0.05 0.15 0.002 0.006 0.05 0.15 0.002 0.006 a2 1.35 1.45 0.053 0.057 1.35 1.45 0.053 0.057 b 0.22 0.38 0.009 0.015 0.17 0.27 0.007 0.011 d 21.90 22.10 0.862 0.870 21.80 22.20 0.858 0.874 d1 19.90 20.10 0.783 0.791 19.90 20.10 0.783 0.791 e 15.90 16.10 0.626 0.634 15.80 16.20 0.622 0.638 e1 13.90 14.10 0.547 0.555 13.90 14.10 0.547 0.555 e 0.65 bsc 0.026 bsc 0.50 bsc 0.020 bsc l 0.45 0.75 0.018 0.030 0.45 0.75 0.018 0.030 l1 1.00 ref. 0.039 ref. 1.00 ref. 0.039 ref. c0 o 7 o 0 o 7 o 0 o 7 o 0 o 7 o notes: 1. all dimensioning and tolerancing conforms to ansi y14.5m-1982. 2. dimensions d1 and e1 do not include mold protrusions. allowable protrusion is 0.25 mm per side. d1 and e1 do include mold mismatch and are determined at datum plane -h-. 3. controlling dimension: millimeters. d d1 e e1 1 n a2 a a1 e b seating plane c l1 l


▲Up To Search▲   

 
Price & Availability of IS61VPS12836A-250TQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X